Part Number Hot Search : 
803DH3 FA102 TLS347S 1N409 SM230 06030 GP10NC LA780
Product Description
Full Text Search
 

To Download 160106K100S-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type 160 Metallized Polyester Radial Lead Capacitors
Radial Box Metallized Polyester Capacitors
The Type 160 series radial lead metallized polyester box capacitors are constructed in rugged rectangular plastic cases with lead spacings that are standard in the electronics industry. All Type 160 capacitors are available in bulk with a .217" .039" lead length, and they are good for general purpose applications such as bypass, decoupling, energy storage/discharge and arc suppression.
Highlights
* * * * * * * Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
Dielectric Withstand Voltage:
Dissipation Factor (DF):
Specifications
RoHS compliant Rugged plastic case Case and epoxy fill meets UL94V0 10 mm through 27.5 mm lead spacings Non-inductively wound Non-polar Wire lead material, tinned copper clad steel
0.0022 F to 10.0 F
63 Vdc to 1000 Vdc (40 Vac - 250 Vac 50/60 Hz)
5%, 10%, 20%
-55 C to +125 C (with 50% Vdc derating >85 C)
1.6 x rated voltage for 2 sec @ +25 C 5 C tan x 10-4 at 25 C 5 C
kHz 1 10 C 1 F 100 150 10 9 15 10 22.5 18 27.5 18 C >1 F 100
Total Self Inductance (L):
Pitch (mm) L (nH)
Long Term Stability (after two years): Capacitance change C/C 3% under standard environmental conditions Corona (Partial Discharge Inception Voltage): 200 Vac for 100 Vdc, 200 Vdc 250 Vac for 400 Vdc, 630 Vdc 300 Vac for 1000 Vdc Maximum Pulse Rise Time (dv/dt):
Vn 63 100/160 250 400 630 1000 10 3 6/8 11 20 30 60 Pitch (mm) 15 1.5 3 7 10 15 25 22.5 1 2 4 5.5 8 15 27.5 1 1 3 5 7 10
If the working voltage (V) is less than the nominal voltage (Vn), the capacitor can work at higher dv/dt. In this case, the maximum value allowed is obtained by multiplying the above value with the ratio Vn/V.
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type 160 Metallized Polyester Radial Lead Capacitors
Capacitor Outline Drawing
L Max
H Max .217 .039 (5.5 1.0 mm) S .015 (0.4 mm) Od 0.002 (0.05 mm) Max
Test Method and Performance
Insulation Resistance Test Conditions Temperature Voltage Charge Time Voltage Charge Performance For Vn > 100 Vdc For Vn 100 Vdc 30,000 M for 0.33F 10,000 M x F for C > 0.33F 10,000 M for C 0.1F 1,000 M x F for 0.1F Damp Heat Test Test Conditions Temperature
Relative Humidity
T
25 C 5 C 1 minute 50 Vdc for Vn < 100 Vdc 100 Vdc for Vn 100 Vdc
+40 C 95% 21 days 5% 50 x 104 at 1 kHz 50% of limit value Life Test
Note: The lead diameter is a maximum dimension for lead spacing 15 mm and a nominal for lead spacing >15 mm
Test Duration Performance Capacitance Change C/C DF Change tg Insulation Resistance
Soldering Test Conditions Soldering Temperature Soldering Duration Performance Capacitance Change C/C 2% DF Change tg 30 x 10-4 at 10 kHz for C 1.0 F 20 x 10 at 1 kHz for C >1.0 F
-4
Test Conditions Temperature Test Duration Voltage Applied Performance Capacitance Change C/C DF Change tg Insulation Resistance 5% 30 x 10-4 at 10 kHz for C 1.0 F 20 x 10-4 at 1 kHz for C >1.0 F 50% of limit value +85 C 1000 hrs 1.25 x Vn
260 C 5 C 10 sec 1 sec
Ratings
S Od 63 Vdc / 40 Vac .22 160224*63C-F 0.512 0.157 0.374 0.394 0.031 .27 160274*63C-F 0.512 0.157 0.374 0.394 0.031 .33 160334*63C-F 0.512 0.157 0.374 0.394 0.031 .39 160394*63C-F 0.512 0.157 0.374 0.394 0.031 .47 160474*63D-F 0.512 0.197 0.433 0.394 0.031 .56 160564*63D-F 0.512 0.197 0.433 0.394 0.031 .68 160684*63D-F 0.512 0.197 0.433 0.394 0.031 .68 160684*63F-F 0.709 0.197 0.433 0.591 0.031 .82 160824*63E-F 0.512 0.236 0.472 0.394 0.031 .82 160824*63F-F 0.709 0.197 0.433 0.591 0.031 1.0 160105*63E-F 0.512 0.236 0.472 0.394 0.031 1.0 160105*63F-F 0.709 0.197 0.433 0.591 0.031 1.5 160155*63F-F 0.709 0.197 0.433 0.591 0.031 2.2 160225*63G-F 0.709 0.236 0.472 0.591 0.031 3.3 160335*63M-F 1.043 0.276 0.630 0.886 0.031 4.7 160475*63N-F 1.043 0.335 0.669 0.886 0.031 6.8 160685*63O-F 1.043 0.394 0.748 0.886 0.031 10.0 160106*63P-F 1.260 0.433 0.787 1.083 0.031 * Indicates capacitance tolerance: J = 5%, K = 10%, M = 20% Cap (F) Catalog Part Number L T Inches H L 13.0 13.0 13.0 13.0 13.0 13.0 13.0 18.0 13.0 18.0 13.0 18.0 18.0 18.0 26.5 26.5 26.5 32.0 T 4.0 4.0 4.0 4.0 5.0 5.0 5.0 6.0 6.0 5.0 6.0 5.0 6.0 7.5 7.0 8.5 10.0 11.0 Millimeters H S 9.5 9.5 9.5 9.5 11.0 11.0 11.0 12.0 12.0 11.0 12.0 11.0 12.0 13.5 16.5 17.0 19.0 20.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 15.0 10.0 15.0 10.0 15.0 15.0 15.0 22.5 22.5 22.5 27.5
RoHS Compliant
Od 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type 160 Metallized Polyester Radial Lead Capacitors
RoHS Compliant
Cap (F) .10 .12 .15 .18 .22 .27 .33 .33 .39 .39 .47 .47 .56 .68 .82 1.0 1.5 2.2 3.3 4.7 6.8 10.0 .10 .033 .039 .047 .056 .068 .082 .10 .10 .12 .12 .15 .15 .18 .18 .22 .27 .33 .39 .47 .47 .56 .56 .68 .68 .82 Catalog Part Number 160104*100C-F 160124*100C-F 160154*100C-F 160184*100C-F 160224*100D-F 160274*100D-F 160334*100E-F 160334*100F-F 160394*100D-F 160394*100F-F 160474*100E-F 160474*100F-F 160564*100G-F 160684*100G-F 160824*100H-F 160105*100H-F 160155*100M-F 160225*100N-F 160335*100O-F 160475*100P-F 160685*100Q-F 160106*100S-F 160104*160C-F 160333*250C-F 160393*250C-F 160473*250C-F 160563*250C-F 160683*250C-F 160823*250D-F 160104*250D-F 160104*250F-F 160124*250D-F 160124*250F-F 160154*250E-F 160154*250F-F 160184*250E-F 160184*250F-F 160224*250F-F 160274*250G-F 160334*250G-F 160394*250H-F 160474*250H-F 160474*250L-F 160564*250I-F 160564*250M-F 160684*250I-F 160684*250M-F 160824*250M-F L 0.512 0.512 0.512 0.512 0.512 0.512 0.512 0.709 0.512 0.709 0.512 0.709 0.709 0.709 0.709 0.709 1.043 1.043 1.043 1.260 1.260 1.457 0.512 0.512 0.512 0.512 0.512 0.512 0.512 0.512 0.709 0.512 0.709 0.512 0.709 0.512 0.709 0.709 0.709 0.709 0.709 0.709 1.043 0.709 1.043 0.709 1.043 1.043 T 0.157 0.157 0.157 0.157 0.197 0.197 0.236 0.197 0.197 0.197 0.236 0.197 0.236 0.236 0.295 0.295 0.276 0.335 0.394 0.433 0.512 0.709 0.157 0.157 0.157 0.157 0.157 0.157 0.197 0.197 0.197 0.197 0.197 0.236 0.197 0.236 0.197 0.197 0.236 0.236 0.295 0.295 0.236 0.335 0.276 0.335 0.276 0.276 Inches H S Od 100 Vdc / 63 Vac 0.374 0.394 0.031 0.374 0.394 0.031 0.374 0.394 0.031 0.374 0.394 0.031 0.433 0.394 0.031 0.433 0.394 0.031 0.472 0.394 0.031 0.433 0.591 0.031 0.433 0.394 0.031 0.433 0.591 0.031 0.472 0.394 0.031 0.433 0.591 0.031 0.472 0.591 0.031 0.472 0.591 0.031 0.531 0.591 0.031 0.531 0.591 0.031 0.630 0.886 0.031 0.669 0.886 0.031 0.748 0.886 0.031 0.787 1.083 0.031 0.886 1.083 0.031 1.299 1.083 0.031 160 Vdc / 100 Vac 0.374 0.394 0.031 250 Vdc /160 Vac 0.374 0.394 0.031 0.374 0.394 0.031 0.374 0.394 0.031 0.374 0.394 0.031 0.374 0.394 0.031 0.433 0.394 0.031 0.433 0.394 0.031 0.433 0.591 0.031 0.433 0.394 0.031 0.433 0.591 0.031 0.472 0.394 0.031 0.433 0.591 0.031 0.472 0.394 0.031 0.433 0.591 0.031 0.433 0.591 0.031 0.472 0.591 0.031 0.472 0.591 0.031 0.531 0.591 0.031 0.531 0.591 0.031 0.591 0.886 0.031 0.571 0.591 0.031 0.63 0.886 0.031 0.571 0.591 0.031 0.63 0.886 0.031 0.63 0.886 0.031 L 13.0 13.0 13.0 13.0 13.0 13.0 13.0 18.0 13.0 18.0 13.0 18.0 18.0 18.0 18.0 18.0 26.5 26.5 26.5 32.0 32.0 37.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 18.0 13.0 18.0 13.0 18.0 13.0 18.0 18.0 18.0 18.0 18.0 18.0 26.5 18.0 26.5 18.0 26.5 26.5 T 4.0 4.0 4.0 4.0 5.0 5.0 6.0 5.0 6.0 5.0 6.0 5.0 6.0 6.0 7.5 7.5 7.0 8.5 10.0 11.0 13.0 18.0 4.0 4.0 4.0 4.0 4.0 4.0 5.0 5.0 5.0 6.0 5.0 6.0 5.0 6.0 5.0 5.0 6.0 6.0 7.5 7.5 6.0 8.5 7.0 8.5 7.0 8.5 Millimeters H 9.5 9.5 9.5 9.5 11.0 11.0 12.0 11.0 12.0 11.0 12.0 11.0 12.0 12.0 13.5 13.5 16.5 17.0 19.0 20.0 22.5 33.0 9.5 9.5 9.5 9.5 9.5 9.5 11.0 11.0 11.0 12.0 11.0 12.0 11.0 12.0 11.0 11.0 12.0 12.0 13.5 13.5 15.0 14.5 16.0 14.5 16.5 17.0 S 10.0 10.0 10.0 10.0 10.0 10.0 10.0 15.0 10.0 15.0 10.0 15.0 15.0 15.0 15.0 15.0 22.5 22.5 22.5 27.5 27.5 27.5 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 15.0 10.0 15.0 10.0 15.0 10.0 15.0 15.0 15.0 15.0 15.0 15.0 22.5 15.0 22.5 15.0 22.5 22.5 Od 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8
* Indicates capacitance tolerance: J = 5%, K = 10%, M = 20%
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type 160 Metallized Polyester Radial Lead Capacitors
RoHS Compliant
Inches H S Od 250 Vdc / 160 Vac 1.0 160105*250N-F 1.043 0.335 0.669 0.886 0.031 1.5 160155*250O-F 1.043 0.394 0.748 0.886 0.031 2.2 160225*250P-F 1.260 0.433 0.787 1.083 0.031 3.3 160335*250Q-F 1.260 0.512 0.886 1.083 0.031 4.7 160475*250R-F 1.260 0.591 1.181 1.083 0.031 6.8 160685*250S-F 1.457 0.709 1.299 1.083 0.031 400 Vdc / 200 Vac .012 160123*400C-F 0.512 0.157 0.374 0.394 0.031 .015 160153*400C-F 0.512 0.157 0.374 0.394 0.031 .018 160183*400C-F 0.512 0.157 0.374 0.394 0.031 .022 160223*400C-F 0.512 0.157 0.374 0.394 0.031 .027 160273*400C-F 0.512 0.157 0.374 0.394 0.031 .033 160333*400D-F 0.512 0.197 0.433 0.394 0.031 .039 160393*400D-F 0.512 0.197 0.433 0.394 0.031 .047 160473*400E-F 0.512 0.236 0.472 0.394 0.031 .047 160473*400F-F 0.709 0.197 0.433 0.591 0.031 .056 160563*400F-F 0.709 0.197 0.433 0.591 0.031 .068 160683*400F-F 0.709 0.197 0.433 0.591 0.031 .082 160823*400F-F 0.709 0.197 0.433 0.591 0.031 .10 160104*400G-F 0.709 0.236 0.472 0.591 0.031 .12 160124*400G-F 0.709 0.236 0.472 0.591 0.031 .15 160154*400H-F 0.709 0.295 0.531 0.591 0.031 .15 160154*400L-F 1.043 0.236 0.591 0.886 0.031 .18 160184*400L-F 1.043 0.236 0.591 0.886 0.031 .22 160224*400L-F 1.043 0.236 0.591 0.886 0.031 .27 160274*400M-F 1.043 0.276 0.630 0.886 0.031 .33 160334*400M-F 1.043 0.276 0.630 0.886 0.031 .39 160394*400N-F 1.043 0.335 0.669 0.886 0.031 .47 160474*400N-F 1.043 0.335 0.669 0.886 0.031 .56 160564*400O-F 1.043 0.394 0.748 0.886 0.031 .68 160684*400P-F 1.26 0.433 0.787 1.083 0.031 .82 160824*400P-F 1.26 0.433 0.787 1.083 0.031 1.0 160105*400P-F 1.26 0.433 0.787 1.083 0.031 1.0 160105*400Q-F 1.26 0.512 0.886 1.083 0.031 630 Vdc / 220 Vac .0039 160392*630C-F 0.512 0.157 0.374 0.394 0.031 .0047 160472*630C-F 0.512 0.157 0.374 0.394 0.031 .0056 160562*630C-F 0.512 0.157 0.374 0.394 0.031 .0068 160682*630C-F 0.512 0.157 0.374 0.394 0.031 .0082 160822*630C-F 0.512 0.157 0.374 0.394 0.031 .010 160103*630C-F 0.512 0.157 0.374 0.394 0.031 .012 160123*630D-F 0.512 0.197 0.433 0.394 0.031 .015 160153*630D-F 0.512 0.197 0.433 0.394 0.031 .018 160183*630D-F 0.512 0.197 0.433 0.394 0.031 .022 160223*630E-F 0.512 0.236 0.472 0.394 0.031 .027 160273*630F-F 0.709 0.197 0.433 0.591 0.031 .033 160333*630F-F 0.709 0.197 0.433 0.591 0.031 .039 160393*630G-F 0.709 0.236 0.472 0.591 0.031 .047 160473*630G-F 0.709 0.236 0.472 0.591 0.031 .056 160563*630G-F 0.709 0.236 0.472 0.591 0.031 * Indicates capacitance tolerance: J = 5%, K = 10%, M = 20%
L T Cap (F) Catalog Part Number L 26.5 26.5 32.0 32.0 32.0 37.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 26.5 26.5 26.5 26.5 26.5 26.5 26.5 26.5 32.0 32.0 32.0 32.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 18.0 18.0 18.0 18.0 18.0 T 8.5 10.0 11.0 13.0 15.0 18.0 4.0 4.0 4.0 4.0 4.0 5.0 5.0 6.0 5.0 5.0 5.0 5.0 6.0 6.0 7.5 6.0 6.0 6.0 7.0 7.0 8.5 8.5 10.0 11.0 11.0 11.0 13.0 4.0 4.0 4.0 4.0 4.0 4.0 5.0 5.0 5.0 6.0 5.0 5.0 6.0 6.0 6.0 Millimeters H 17.0 19.0 20.0 22.5 30.0 33.0 9.5 9.5 9.5 9.5 9.5 11.0 11.0 12.0 11.0 11.0 11.0 11.0 12.0 12.0 13.5 15.0 15.0 15.0 16.5 16.5 17.0 17.0 19.0 20.0 20.0 20.0 22.5 9.5 9.5 9.5 9.5 9.5 9.5 11.0 11.0 11.0 12.0 11.0 11.0 12.0 12.0 12.0 S 22.5 22.5 27.5 27.5 27.5 27.5 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 27.5 27.5 27.5 27.5 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 15.0 15.0 15.0 15.0 15.0 Od 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type 160 Metallized Polyester Radial Lead Capacitors
RoHS Compliant
Cap (F) .068 .068 .082 .10 .12 .15 .18 .22 .27 .33 .39 .47 .0022 .0027 .0033 .0039 .0047 .0056 .0068 .0082 .010 .012 .015 .018 .022 .027 .033 .039 .047 .056 .068 .082 .10 .12 .15 .18 .22 Catalog Part Number 160683*630H-F 160683*630L-F 160823*630L-F 160104*630L-F 160124*630M-F 160154*630M-F 160184*630N-F 160224*630N-F 160274*630Q-F 160334*630P-F 160394*630P-F 160474*630Q-F 160222*1000C-F 160272*1000C-F 160332*1000C-F 160392*1000D-F 160472*1000D-F 160562*1000D-F 160682*1000D-F 160822*1000D-F 160103*1000F-F 160123*1000F-F 160153*1000F-F 160183*1000G-F 160223*1000G-F 160273*1000H-F 160333*1000L-F 160393*1000L-F 160473*1000L-F 160563*1000M-F 160683*1000M-F 160823*1000N-F 160104*1000N-F 160124*1000O-F 160154*1000P-F 160184*1000Q-F 160224*1000Q-F L 0.709 1.043 1.043 1.043 1.043 1.043 1.043 1.043 1.26 1.26 1.26 1.26 0.512 0.512 0.512 0.512 0.512 0.512 0.512 0.512 0.709 0.709 0.709 0.709 0.709 0.709 1.043 1.043 1.043 1.043 1.043 1.043 1.043 1.043 1.26 1.26 1.26 T 0.295 0.236 0.236 0.236 0.276 0.276 0.335 0.335 0.512 0.433 0.433 0.512 0.157 0.157 0.157 0.197 0.197 0.197 0.197 0.197 0.197 0.197 0.197 0.236 0.236 0.295 0.236 0.236 0.236 0.276 0.276 0.335 0.335 0.394 0.433 0.512 0.512 Inches H S Od 630 Vac / 220 Vac 0.531 0.591 0.031 0.591 0.886 0.031 0.591 0.886 0.031 0.591 0.886 0.031 0.630 0.886 0.031 0.630 0.886 0.031 0.669 0.886 0.031 0.669 0.886 0.031 0.886 1.083 0.031 0.787 1.083 0.031 0.787 1.083 0.031 0.886 1.083 0.031 1000 Vdc / 250 Vac 0.374 0.394 0.031 0.374 0.394 0.031 0.374 0.394 0.031 0.433 0.394 0.031 0.433 0.394 0.031 0.433 0.394 0.031 0.433 0.394 0.031 0.433 0.394 0.031 0.433 0.591 0.031 0.433 0.591 0.031 0.433 0.591 0.031 0.472 0.591 0.031 0.472 0.591 0.031 0.531 0.591 0.031 0.591 0.886 0.031 0.591 0.886 0.031 0.591 0.886 0.031 0.630 0.886 0.031 0.630 0.886 0.031 0.669 0.886 0.031 0.669 0.886 0.031 0.748 0.886 0.031 0.787 1.083 0.031 0.886 1.083 0.031 0.886 1.083 0.031 L 18.0 26.5 26.5 26.5 26.5 26.5 26.5 26.5 32.0 32.0 32.0 32.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 18.0 18.0 18.0 18.0 18.0 18.0 26.5 26.5 26.5 26.5 26.5 26.5 26.5 26.5 32.0 32.0 32.0 T 7.5 6.0 6.0 6.0 7.0 7.0 8.5 8.5 13.0 11.0 11.0 13.0 4.0 4.0 4.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 6.0 6.0 6.0 7.5 6.0 6.0 6.0 7.0 7.0 8.5 8.5 10.0 11.0 13.0 13.0 Millimeters H 13.5 15.0 15.0 15.0 16.5 16.5 17.0 17.0 22.5 20.0 20.0 22.5 9.5 9.5 9.5 11.0 11.0 11.0 11.0 11.0 11.0 11.0 12.0 12.0 12.0 13.5 15.0 15.0 15.0 16.5 16.5 17.0 17.0 19.0 20.0 22.5 22.5 S 15.0 22.5 22.5 22.5 22.5 22.5 22.5 22.5 27.5 27.5 27.5 27.5 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 15.0 15.0 15.0 15.0 15.0 15.0 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 27.5 27.5 27.5 Od 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8
* Indicates capacitance tolerance: J = 5%, K = 10%, M = 20%
Part Numbering System
160 104 K 100 C Case Series 160 Capacitance 392 = .0039 F 103 = .01 F 104 = .1 F 105 = 1.0 F Tolerance J = 5% K = 10% M = 20% Voltage 100 = 100 Vdc 250 = 250 Vdc 630 = 630 Vdc 1000 = 1000 Vdc Code C D E F etc.
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com


▲Up To Search▲   

 
Price & Availability of 160106K100S-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X